PART |
Description |
Maker |
SIP-1987HT-01-1001FC SIP-1987HT-01-1001FD SIP-1987 |
TaNFilm垄莽 High Temperature DIP and SIP Networks TaNFilm庐 High Temperature DIP and SIP Networks TaNFilm? High Temperature DIP and SIP Networks
|
IRC - a TT electronics Company.
|
MWR-MWC01GC-01-1000-F MWR-MWC01GC-01-1000-G MWR-MW |
TaNFilm Microwave Chip Resistor
|
IRC - a TT electronics Company. http://
|
PHT |
High Precision Wraparound - High Temperature (230 掳C) Thin Film Chip Resistors
|
Vishay Siliconix
|
PRAHT182 PRAHT100 PRAHT135 |
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
|
Vishay Siliconix
|
PHT |
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
|
Vishay Siliconix
|
MAL214095501E3 MAL214095602E3 MAL214095601E3 MAL21 |
Aluminum Capacitors SMD (Chip), High Temperature
|
Vishay Siliconix
|
NRT335M06 NRA155M25 NRB474K25 NRC473K16 NRC473K20 |
High-Temperature Durability 高温耐久 R Series Chip High-Temperature Durability
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers http:// NEC List of Unclassifed Man...
|
GUB-GM7A-01-2001-B GUB-GM7A-01-2001-C GUB-GM7A-01- |
TaNFilm Small Outline Surface Mount Resistor Network
|
IRC - a TT electronics Company.
|
LAN9218I07 |
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
|
SMSC Corporation
|
A3187ELT A3187EUA A3187LLT A3187LT UGN3175SUA A318 |
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应锁存器的高温作业 SENSOR IC 5CH 5V 5MA SGL 28-SSOP Hall-Effect Latch For High-Temperature Operation(工作于高温的霍尔效应锁存 Hall-effect latche for high-temperature operation
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
AM27C020-155DI AM27C020-175DI AM27C020-155DIB AM27 |
Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower Low Dropout References; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched-Capacitor Wide Input Range Voltage Converter with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Low Power, Low Noise, Quad Universal Filter Building Block; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single 5V RS232/RS485 Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C x8存储 Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
C-MAC MicroTechnology SPC Technology Electronic Theatre Controls, Inc.
|